Part Number Hot Search : 
98C51 74LVC1 NUB611T MAC224 TSH51107 HM112 D4C0412S TE010
Product Description
Full Text Search
 

To Download SML150FB12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  collector-emitter voltage vce 1200 v dc collector current tc=70c, tvj=175c tc=25c,tvj=175c i c , nom ic 150 200 a repetitive peak collector cur- rent tp=1msec,tc=80c i crm 300 a total powerdissipation tc=25c p tot 850 w gate-emitter peak voltage v ges +/-20 v dc forward diode current i f 150 a repetitive peak forward current tp=1msec i frm 300 a i 2 t value per diode vr=0v, tp=10msec, tvj=125c i 2 t 4600 a 2 sec isolation test voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -metal matrix base plate -aln isolation maximum rated values/electrical properties SML150FB12 collector-emitter saturation voltage ic=150a,vge=15v, tc=25c ic=150a,vge=15v,tc=125c v ce(sat) 1.70 2.0 2.15 v v gate threshold voltage ic=6.4ma,vce=vge, tvj=25c vge (th) 5.0 5.8 6.5 v input capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c ies 10.5 nf reverse transfer capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c res 0.5 nf collector emitter cut off current vce=600v,vge=0v,tvj=25c vce=600v,vge=0v,tvj=125c i ces 1 1 5 ma ma gate emitter cut off current vce=0v,vge=20v,tvj=25c i ges 400 na
turn on delay time ic=150a, vcc=600v vge=+/15v,rg=8.2 ? ,tvj=25c vge=+/-15v,rg=8.2 ? ,tvj=125c t d,on 250 300 nsec nsec rise time ic=150a, vcc=600v vge=+/-15v,rg=8.2 ? ,tvj=25c vge=+/-15v,rg=8.2 ? ,tvj=125c tr 90 100 nsec nsec turn off delay time ic=150a, vcc=600v vge=+/-15v,rg=8.2 ? ,tvj=25c vge=+/-15v,rg=8.2 ? ,tvj=125c t d , off 550 650 nsec nsec fall time ic=150a, vcc=600v vge=+/-15v,rg=8.2 ? ,tvj=25c vge=+/-15v,rg=8.2 ? ,tvj=125c t f 130 160 nsec nsec turn energy loss per pulse ic=150a,vce=600v,vge=15v rge=8.2 ? ,l=80nh tvj=125c e on 11 mj turn off energy loss per pulse ic=150a,vce=600v,vge=15v rge=8.2 ? ,l=80nh tvj=125c e off 24 mj sc data tp 10sec, vge 15v vcc=900v, vce (max)= vces-l di/dt tvj=125c i sc 600 a stray module inductance l ce 40 nh terminal-chip resistance r c 1.2 m ? forward voltage ic=150a,vge=0v, tc=25c ic=150a,vge=0v, tc=125c v f 1.65 1.65 2.1 v v peak reverse recovery current if=150a, -di/dt=1500a/sec vce=600v,vge=-15v,tvj=25c vce=600v,vge=-15v,tvj=125c i rm 110 140 a a recovered charge if=150a, -di/dt=1500a/sec vce=600v,vge=-15v,tvj=25c vce=600v,vge=-15v,tvj=125c qr 15 28 c c reverse recovery energy if=150a, -di/dt=1500a/sec vce=600v,vge=-10v,tvj=25c vce=600v,vge=-10v,tvj=125c e rec 7.0 14 mj mj diode characteristics
thermal resistance junction to case igbt diode r j-c 0.15 0.26 k/w thermal resistance case to heatsink r c-hs 0.03 k/w maximum junction temperature tvj 175 c maximum operating temperature top -55 175 c storage temperature tstg -55 175 c thermal properties min typ max



circuit diagram


▲Up To Search▲   

 
Price & Availability of SML150FB12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X